전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33596FCE/R2 데이터시트(PDF) 53 Page - Freescale Semiconductor, Inc

부품명 MC33596FCE/R2
상세설명  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 데이터시트(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Electrical Characteristics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
53
19.4 PLL & Crystal Oscillator
Receiver: Analog and Digital RSSI
3.51
Analog RSSI output signal for
Input signal @–108 dBm
Measured on RSSIOUT
380
—
650
mV
3.52 Analog RSSI output signal for
Input signal @–100 dBm
420
—
700
mV
3.53 Analog RSSI output signal for
Input signal @–70 dBm
850
—
1200
mV
3.54 Analog RSSI output signal for
Input signal @–28 dBm
1000
—
1300
mV
3.55 Digital RSSI Registers for Input
signal @–108 dBm
RSSI [0:3]
0
—
2
3.56 Digital RSSI Registers for Input
signal @–100 dBm
0—
3
3.57 Digital RSSI Registers for Input
signal @–70 dBm
9—
13
3.58 Digital RSSI Registers for Input
signal @–28 dBm
13
—
16
3.59 Digital RSSI Registers for Input
signal @–70 dBm
RSSI [4:7]
0
—
2
3.6 Digital RSSI Registers for Input
signal @–50 dBm
4—
8
3.61 Digital RSSI Registers for Input
signal @–24 dBm
13
—
15
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at
VCC = 3.0 V, TA =25 °C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
5.9
PLL lock time
RF frequency
±25kHz
—
50
100
μs
5.1
Toggle time between 2
frequencies
RF frequency step <1.5MHz,
RF frequency
±25kHz
—30—
μs
5.10 Crystal oscillator startup time
—
0.6
1.2
ms
5.8
Crystal series resistance
—
—
120
Ω
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematics Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC = 3.0
V, TA = 25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com