전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33596FCE/R2 데이터시트(PDF) 45 Page - Freescale Semiconductor, Inc

부품명 MC33596FCE/R2
상세설명  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 데이터시트(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
18
Transition Time
Table 21 details the different times that must be considered for a given transition in the state machine, once
the logic conditions for that transition are met.
Table 21. Transition Time Definition
Transition
State x -> y
Crystal
Oscillator
Startup Time,
Parameter 5.10
PLL Timing
Receiver
Preamble
Time1
NOTES:
1
See Section 11.2.3, “Frame Format.”
Receiver
On-to-Off Time,
Parameter 1.12
Standby to SPI running, state 60 -> 1
√
Standby to receiver running, states 5 -> 5b, 20 -> 21
√
Lock time parameter
5.9
√
Off to receiver running, states 0 -> 0b, 10 -> 11
√
Lock time parameter
5.9
√
Configuration to receiver running,
states 1 -> (0b, 5b, 11, 21)
0 or lock time
parameter 5.1 or lock
time parameter 5.9 2
2
Depending on the PLL status before entering configuration mode. For example, the transition time from standby to receiver
running (FSK modulation, 19.2 kBd, AFFC = 0, data manager enabled) is: 0.6 ms + 50 µs + (3 + 1)/19.2k = 970 µs.
√
Receiver running to configuration mode,
state (0b, 5b, 11, 12, 13, 21, 22, 23) -> 1,
When CONFB=0, the transition from receive mode to configuration
mode is immediate.
Receiver running to standby mode,
state 5b -> 5, (21, 22, 23) -> 20
√
Receiver running to off mode,
state 0b -> 0, (11, 12, 13) -> 10
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70