전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33596FCE/R2 데이터시트(PDF) 61 Page - Freescale Semiconductor, Inc

부품명 MC33596FCE/R2
상세설명  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 데이터시트(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
Application Schematics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
61
20.1.4 Receiver Schematics in 5 V Operation—Strobe Oscillator
Mode
Figure 46. MC33596 Application Schematic in Strobe Mode (5 V)
The ON/OFF sequencing in receive mode is controlled internally. The STROBE pin from the MCU has to
be configured in high impedance and wake up mode is available when SOE bit is enabled.
U1
MC33596
RSSIOUT
1
VCC2RF
2
RFIN
3
GNDLNA
4
VCC2VCO
5
GND
6
GNDDIG
17
RSSIC
18
DATACLK
19
CONFB
20
MISO
21
MOSI
22
SCLK
23
SEB
24
NC
7
GND
8
SW ITCH
VCC2
VCC2
C9
100nF
C10
100nF
C12
100pF
C13
1nF
X5
C8
100nF
R1
470k 1%
C6
6.8pF
13
C7
1nF
14
15
16
18
17
19
21
20
22
SEB
STROBE
CONFB
MOSI
RSSIOUT
SCLK
MISO
DATACLK
5V
RSSIC
VCC2
VCC2
C5
100pF
L1
C4
C3
C1
100nF
C2 1nF
23
GND
C11
100nF
R3
10k
VCC
R2
10k
VCC
VCC
U1
MC33596
RSSIOUT
1
VCC2RF
2
RFIN
3
GNDLNA
4
VCC2VCO
5
GND
6
GNDDIG
17
RSSIC
18
DATACLK
19
CONFB
20
MISO
21
MOSI
22
SCLK
23
SEB
24
NC
7
GND
8
SW ITCH
VCC2
VCC2
C9
100nF
C10
100nF
C12
100pF
C13
1nF
X5
C8
100nF
R1
470k 1%
C6
6.8pF
13
C7
1nF
14
15
16
18
17
19
21
20
22
SEB
STROBE
CONFB
MOSI
RSSIOUT
SCLK
MISO
DATACLK
5V
RSSIC
VCC2
VCC2
C5
100pF
L1
C4
C3
C1
100nF
C2 1nF
23
GND
C11
100nF
R3
10k
VCC
R2
10k
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com