전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33596FCE/R2 데이터시트(PDF) 37 Page - Freescale Semiconductor, Inc

부품명 MC33596FCE/R2
상세설명  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 데이터시트(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Register Description
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
37
Values in Table 11 assume the LNA gain is not reduced by the AGC.
AFF[1:0] (Average Filter Frequency) define the average filter cut-off frequency if the AFFC bit is set.
If AFFC is reset, the average filter frequency is directly defined by bits DR[1:0], as shown in Table 10.
If AFFC is set, AFF[1:0] allow the overall receiver sensitivity to be improved by reducing the average
filter cut-off frequency. The typical preamble duration of three Manchester zeroes or ones at the data rate
must then be increased, as shown in Table 13.
16.2 Command Register
Figure 27 describes the Command register, COMMAND.
Table 11. RF Input Level Attenuation
ILA1
ILA0
RF Input Level
Attenuation
See Parameter
Number
0
0
0 dB
2.5
0
1
8 dB
2.6
1
0
16 dB
2.7
1
1
30 dB
2.8
Table 12. Average Filter Cut-off Frequency
AFF1
AFF0
Average Filter Cut-off
Frequency
0
0
0.5 kHz
0
1
1 kHz
1
0
2 kHz
1
1
4 kHz
Table 13. Minimum Number of Manchester Symbols in Preamble
versus DR[1:0] and AFF[1:0]
DR[1:0]
00
01
10
11
AFF[1:0]
00
36
12
24
01
—3
6
12
10
——
3
6
11
———
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com