전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 482 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 482 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 478Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 479Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 480Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 481Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 482Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 483Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 484Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 485Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 486Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1348 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.21
482
Freescale Semiconductor
11.3.2.1
SCI Baud Rate Registers (SCIBDH, SCIBDL)
Read: Anytime, if AMAP = 0. If only SCIBDH is written to, a read will not return the correct data until
SCIBDL is written to as well, following a write to SCIBDH.
Write: Anytime, if AMAP = 0.
NOTE
Those two registers are only visible in the memory map if AMAP = 0 (reset
condition).
The SCI baud rate register is used by to determine the baud rate of the SCI, and to control the infrared
modulation/demodulation submodule.
76543210
R
IREN
TNP1
TNP0
SBR12
SBR11
SBR10
SBR9
SBR8
W
Reset
00000000
Figure 11-3. SCI Baud Rate Register (SCIBDH)
76543210
R
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
W
Reset
00000000
Figure 11-4. SCI Baud Rate Register (SCIBDL)
Table 11-1. SCIBDH and SCIBDL Field Descriptions
Field
Description
7
IREN
Infrared Enable Bit — This bit enables/disables the infrared modulation/demodulation submodule.
0 IR disabled
1 IR enabled
6:5
TNP[1:0]
Transmitter Narrow Pulse Bits — These bits enable whether the SCI transmits a 1/16, 3/16, 1/32 or 1/4 narrow
pulse. See Table 11-2.
4:0
7:0
SBR[12:0]
SCI Baud Rate Bits — The baud rate for the SCI is determined by the bits in this register. The baud rate is
calculated two different ways depending on the state of the IREN bit.
The formulas for calculating the baud rate are:
When IREN = 0 then,
SCI baud rate = SCI bus clock / (16 x SBR[12:0])
When IREN = 1 then,
SCI baud rate = SCI bus clock / (32 x SBR[12:1])
Note: The baud rate generator is disabled after reset and not started until the TE bit or the RE bit is set for the
first time. The baud rate generator is disabled when (SBR[12:0] = 0 and IREN = 0) or (SBR[12:1] = 0 and
IREN = 1).
Note: Writing to SCIBDH has no effect without writing to SCIBDL, because writing to SCIBDH puts the data in
a temporary location until SCIBDL is written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com