전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 485 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 485 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 481Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 482Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 483Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 484Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 485Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 486Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 487Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 488Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 489Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 1348 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
485
11.3.2.3
SCI Alternative Status Register 1 (SCIASR1)
Read: Anytime, if AMAP = 1
Write: Anytime, if AMAP = 1
76543210
R
RXEDGIF
0
0
0
0
BERRV
BERRIF
BKDIF
W
Reset
00000000
= Unimplemented or Reserved
Figure 11-6. SCI Alternative Status Register 1 (SCIASR1)
Table 11-5. SCIASR1 Field Descriptions
Field
Description
7
RXEDGIF
Receive Input Active Edge Interrupt Flag — RXEDGIF is asserted, if an active edge (falling if RXPOL = 0,
rising if RXPOL = 1) on the RXD input occurs. RXEDGIF bit is cleared by writing a “1” to it.
0 No active receive on the receive input has occurred
1 An active edge on the receive input has occurred
2
BERRV
Bit Error Value — BERRV reflects the state of the RXD input when the bit error detect circuitry is enabled and
a mismatch to the expected value happened. The value is only meaningful, if BERRIF = 1.
0 A low input was sampled, when a high was expected
1 A high input reassembled, when a low was expected
1
BERRIF
Bit Error Interrupt Flag — BERRIF is asserted, when the bit error detect circuitry is enabled and if the value
sampled at the RXD input does not match the transmitted value. If the BERRIE interrupt enable bit is set an
interrupt will be generated. The BERRIF bit is cleared by writing a “1” to it.
0 No mismatch detected
1 A mismatch has occurred
0
BKDIF
Break Detect Interrupt Flag — BKDIF is asserted, if the break detect circuitry is enabled and a break signal is
received. If the BKDIE interrupt enable bit is set an interrupt will be generated. The BKDIF bit is cleared by writing
a “1” to it.
0 No break signal was received
1 A break signal was received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com