전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 496 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 496 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 492Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 493Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 494Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 495Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 496Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 497Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 498Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 499Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 500Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1348 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.21
496
Freescale Semiconductor
11.4.4
Baud Rate Generation
A 13-bit modulus counter in the baud rate generator derives the baud rate for both the receiver and the
transmitter. The value from 0 to 8191 written to the SBR12:SBR0 bits determines the bus clock divisor.
The SBR bits are in the SCI baud rate registers (SCIBDH and SCIBDL). The baud rate clock is
synchronized with the bus clock and drives the receiver. The baud rate clock divided by 16 drives the
transmitter. The receiver has an acquisition rate of 16 samples per bit time.
Baud rate generation is subject to one source of error:
•
Integer division of the bus clock may not give the exact target frequency.
Table 11-15 lists some examples of achieving target baud rates with a bus clock frequency of 25 MHz.
When IREN = 0 then,
SCI baud rate = SCI bus clock / (16 * SCIBR[12:0])
1 The address bit identifies the frame as an address
character. See Section 11.4.6.6, “Receiver Wakeup”.
Table 11-15. Baud Rates (Example: Bus Clock = 25 MHz)
Bits
SBR[12:0]
Receiver
Clock (Hz)
Transmitter
Clock (Hz)
Target
Baud Rate
Error
(%)
41
609,756.1
38,109.8
38,400
.76
81
308,642.0
19,290.1
19,200
.47
163
153,374.2
9585.9
9,600
.16
326
76,687.1
4792.9
4,800
.15
651
38,402.5
2400.2
2,400
.01
1302
19,201.2
1200.1
1,200
.01
2604
9600.6
600.0
600
.00
5208
4800.0
300.0
300
.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com