전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 497 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 497 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 493Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 494Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 495Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 496Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 497Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 498Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 499Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 500Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 501Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 1348 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
497
11.4.5
Transmitter
Figure 11-16. Transmitter Block Diagram
11.4.5.1
Transmitter Character Length
The SCI transmitter can accommodate either 8-bit or 9-bit data characters. The state of the M bit in SCI
control register 1 (SCICR1) determines the length of data characters. When transmitting 9-bit data, bit T8
in SCI data register high (SCIDRH) is the ninth bit (bit 8).
11.4.5.2
Character Transmission
To transmit data, the MCU writes the data bits to the SCI data registers (SCIDRH/SCIDRL), which in turn
are transferred to the transmitter shift register. The transmit shift register then shifts a frame out through
the TXD pin, after it has prefaced them with a start bit and appended them with a stop bit. The SCI data
registers (SCIDRH and SCIDRL) are the write-only buffers between the internal data bus and the transmit
shift register.
PE
PT
H
8
76543210L
11-Bit Transmit Register
T8
TIE
TDRE
TCIE
SBK
TC
Parity
Generation
SCI Data Registers
Transmitter Control
M
Internal Bus
SBR12:SBR0
Baud Divider
÷ 16
Bus
Clock
TE
SCTXD
TXPOL
LOOPS
LOOP
RSRC
CONTROL
To Receiver
Transmit
Collision Detect
TDRE IRQ
TC IRQ
SCTXD
SCRXD
(From Receiver)
TCIE
BERRIF
BER IRQ
BERRM[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com