전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 501 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 501 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 497Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 498Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 499Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 500Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 501Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 502Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 503Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 504Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 505Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 1348 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
501
11.4.5.5
LIN Transmit Collision Detection
This module allows to check for collisions on the LIN bus.
Figure 11-18. Collision Detect Principle
If the bit error circuit is enabled (BERRM[1:0] = 0:1 or = 1:0]), the error detect circuit will compare the
transmitted and the received data stream at a point in time and flag any mismatch. The timing checks run
when transmitter is active (not idle). As soon as a mismatch between the transmitted data and the received
data is detected the following happens:
•
The next bit transmitted will have a high level (TXPOL = 0) or low level (TXPOL = 1)
•
The transmission is aborted and the byte in transmit buffer is discarded.
•
the transmit data register empty and the transmission complete flag will be set
•
The bit error interrupt flag, BERRIF, will be set.
•
No further transmissions will take place until the BERRIF is cleared.
Figure 11-19. Timing Diagram Bit Error Detection
If the bit error detect feature is disabled, the bit error interrupt flag is cleared.
NOTE
The RXPOL and TXPOL bit should be set the same when transmission
collision detect feature is enabled, otherwise the bit error interrupt flag may
be set incorrectly.
TXD Pin
RXD Pin
LIN Physical Interface
Synchronizer Stage
Bus Clock
Receive Shift
Register
Transmit Shift
Register
LIN Bus
Compare
Sample
Bit Error
Point
Output Transmit
Shift Register
0123456789
10
11
12
13
14
15
0
Input Receive
Shift Register
BERRM[1:0] = 0:1
BERRM[1:0] = 1:1
Compare Sample Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com