전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 511 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 511 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 507Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 508Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 509Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 510Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 511Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 512Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 513Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 514Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 515Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 1348 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
511
Enable single-wire operation by setting the LOOPS bit and the receiver source bit, RSRC, in SCI control
register 1 (SCICR1). Setting the LOOPS bit disables the path from the RXD pin to the receiver. Setting
the RSRC bit connects the TXD pin to the receiver. Both the transmitter and receiver must be enabled
(TE = 1 and RE = 1).The TXDIR bit (SCISR2[1]) determines whether the TXD pin is going to be used as
an input (TXDIR = 0) or an output (TXDIR = 1) in this mode of operation.
NOTE
In single-wire operation data from the TXD pin is inverted if RXPOL is set.
11.4.8
Loop Operation
In loop operation the transmitter output goes to the receiver input. The RXD pin is disconnected from the
SCI.
Figure 11-31. Loop Operation (LOOPS = 1, RSRC = 0)
Enable loop operation by setting the LOOPS bit and clearing the RSRC bit in SCI control register 1
(SCICR1). Setting the LOOPS bit disables the path from the RXD pin to the receiver. Clearing the RSRC
bit connects the transmitter output to the receiver input. Both the transmitter and receiver must be enabled
(TE = 1 and RE = 1).
NOTE
In loop operation data from the transmitter is not recognized by the receiver
if RXPOL and TXPOL are not the same.
11.5
Initialization/Application Information
11.5.1
Reset Initialization
See Section 11.3.2, “Register Descriptions”.
11.5.2
Modes of Operation
11.5.2.1
Run Mode
Normal mode of operation.
To initialize a SCI transmission, see Section 11.4.5.2, “Character Transmission”.
RXD
Transmitter
Receiver
TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com