전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 515 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 515 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 511Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 512Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 513Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 514Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 515Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 516Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 517Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 518Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 519Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 1348 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
515
Chapter 12
Serial Peripheral Interface (S12SPIV4)
12.1
Introduction
The SPI module allows a duplex, synchronous, serial communication between the MCU and peripheral
devices. Software can poll the SPI status flags or the SPI operation can be interrupt driven.
12.1.1
Glossary of Terms
12.1.2
Features
The SPI includes these distinctive features:
•
Master mode and slave mode
•
Bidirectional mode
•
Slave select output
•
Mode fault error flag with CPU interrupt capability
•
Double-buffered data register
•
Serial clock with programmable polarity and phase
•
Control of SPI operation during wait mode
12.1.3
Modes of Operation
The SPI functions in three modes: run, wait, and stop.
•
Run mode
This is the basic mode of operation.
•
Wait mode
SPI
Serial Peripheral Interface
SS
Slave Select
SCK
Serial Clock
MOSI
Master Output, Slave Input
MISO
Master Input, Slave Output
MOMI
Master Output, Master Input
SISO
Slave Input, Slave Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com