전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 548 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 548 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 544Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 545Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 546Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 547Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 548Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 549Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 550Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 551Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 552Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 1348 page
background image
Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
548
Freescale Semiconductor
13.3.0.6
PIT Time-Out Flag Register (PITTF)
Read: Anytime
Write: Anytime (write to clear); writes to the reserved bits have no effect
13.3.0.7
PIT Micro Timer Load Register 0 to 1 (PITMTLD0–1)
Read: Anytime
Write: Anytime
76543210
R
0000
PTF3
PTF2
PTF1
PTF0
W
Reset
00000000
= Unimplemented or Reserved
Figure 13-8. PIT Time-Out Flag Register (PITTF)
Table 13-6. PITTF Field Descriptions
Field
Description
3:0
PTF[3:0]
PIT Time-out Flag Bits for Timer Channel 3:0 — PTF is set when the corresponding 16-bit timer modulus
down-counter and the selected 8-bit micro timer modulus down-counter have counted to zero. The flag can be
cleared by writing a one to the flag bit. Writing a zero has no effect. If flag clearing by writing a one and flag setting
happen in the same bus clock cycle, the flag remains set. The flag bits are cleared if the PIT module is disabled
or if the corresponding timer channel is disabled.
0 Time-out of the corresponding PIT channel has not yet occurred.
1 Time-out of the corresponding PIT channel has occurred.
76543210
R
PMTLD7
PMTLD6
PMTLD5
PMTLD4
PMTLD3
PMTLD2
PMTLD1
PMTLD0
W
Reset
00000000
Figure 13-9. PIT Micro Timer Load Register 0 (PITMTLD0)
76543210
R
PMTLD7
PMTLD6
PMTLD5
PMTLD4
PMTLD3
PMTLD2
PMTLD1
PMTLD0
W
Reset
00000000
Figure 13-10. PIT Micro Timer Load Register 1 (PITMTLD1)
Table 13-7. PITMTLD0–1 Field Descriptions
Field
Description
7:0
PMTLD[7:0]
PIT Micro Timer Load Bits 7:0 — These bits set the 8-bit modulus down-counter load value of the micro timers.
Writing a new value into the PITMTLD register will not restart the timer. When the micro timer has counted down
to zero, the PMTLD register value will be loaded. The PFLMT bits in the PITCFLMT register can be used to
immediately update the count register with the new value if an immediate load is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com