전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 552 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 552 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 548Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 549Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 550Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 551Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 552Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 553Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 554Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 555Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 556Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 1348 page
background image
Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
552
Freescale Semiconductor
Whenever a 16-bit timer counter and the connected 8-bit micro timer counter have counted to zero, the
PITLD register is reloaded and the corresponding time-out flag PTF in the PIT time-out flag (PITTF)
register is set, as shown in Figure 13-20. The time-out period is a function of the timer load (PITLD) and
micro timer load (PITMTLD) registers and the bus clock fBUS:
time-out period = (PITMTLD + 1) * (PITLD + 1) / fBUS.
For example, for a 40 MHz bus clock, the maximum time-out period equals:
256 * 65536 * 25 ns = 419.43 ms.
The current 16-bit modulus down-counter value can be read via the PITCNT register. The micro timer
down-counter values cannot be read.
The 8-bit micro timers can individually be restarted by writing a one to the corresponding force load micro
timer PFLMT bits in the PIT control and force load micro timer (PITCFLMT) register. The 16-bit timers
can individually be restarted by writing a one to the corresponding force load timer PFLT bits in the PIT
forceload timer (PITFLT) register. If desired, any group of timers and micro timers can be restarted at the
same time by using one 16-bit write to the adjacent PITCFLMT and PITFLT registers with the relevant
bits set, as shown in Figure 13-20.
Figure 13-20. PIT Trigger and Flag Signal Timing
13.4.2
Interrupt Interface
Each time-out event can be used to trigger an interrupt service request. For each timer channel, an
individual bit PINTE in the PIT interrupt enable (PITINTE) register exists to enable this feature. If PINTE
Bus Clock
02
1
0
8-Bit Micro
2
1
0
2
1
0
2
1
2
1
0
PITCNT Register
0001
0000
00
0001
0000
8-Bit Force Load
2
1
0
2
1
0
PTF Flag1
PITTRIG
16-Bit Force Load
0001
0000
0001
2
Time-Out Period
Time-Out Period
After Restart
Timer Counter
Note 1. The PTF flag clearing depends on the software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com