전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 565 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 565 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 561Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 562Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 563Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 564Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 565Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 566Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 567Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 568Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 569Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 1348 page
background image
Chapter 14 Voltage Regulator (S12VREG3V3V5)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
565
14.4.2.2
Reduced Power Mode
In Reduced Power Mode, the gate of the output transistor is connected directly to a reference voltage to
reduce power consumption.
14.4.3
Low-Voltage Detect (LVD)
Subblock LVD is responsible for generating the low-voltage interrupt (LVI). LVD monitors the input
voltage (VDDA–VSSA) and continuously updates the status flag LVDS. Interrupt flag LVIF is set whenever
status flag LVDS changes its value. The LVD is available in FPM and is inactive in Reduced Power Mode
or Shutdown Mode.
14.4.4
Power-On Reset (POR)
This functional block monitors VDD. If VDD is below VPORD, POR is asserted; if VDD exceeds VPORD,
the POR is deasserted. POR asserted forces the MCU into Reset. POR Deasserted will trigger the power-on
sequence.
14.4.5
Low-Voltage Reset (LVR)
Block LVR monitors the primary output voltage VDD. If it drops below the assertion level (VLVRA) signal,
LVR asserts; if VDD rises above the deassertion level (VLVRD) signal, LVR deasserts. The LVR function
is available only in Full Performance Mode.
14.4.6
Regulator Control (CTRL)
This part contains the register block of VREG_3V3 and further digital functionality needed to control the
operating modes. CTRL also represents the interface to the digital core logic.
14.4.7
Autonomous Periodical Interrupt (API)
Subblock API can generate periodical interrupts independent of the clock source of the MCU. To enable
the timer, the bit APIFE needs to be set.
The API timer is either clocked by a trimmable internal RC oscillator or the bus clock. Timer operation
will freeze when MCU clock source is selected and bus clock is turned off. See CRG specification for
details. The clock source can be selected with bit APICLK. APICLK can only be written when APIFE is
not set.
The APIR[11:0] bits determine the interrupt period. APIR[11:0] can only be written when APIFE is
cleared. As soon as APIFE is set, the timer starts running for the period selected by APIR[11:0] bits. When
the configured time has elapsed, the flag APIF is set. An interrupt, indicated by flag APIF = 1, is triggered
if interrupt enable bit APIE = 1. The timer is started automatically again after it has set APIF.
The procedure to change APICLK or APIR[11:0] is first to clear APIFE, then write to APICLK or
APIR[11:0], and afterwards set APIFE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com