전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 566 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 566 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 562Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 563Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 564Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 565Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 566Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 567Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 568Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 569Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 570Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 1348 page
background image
Chapter 14 Voltage Regulator (S12VREG3V3V5)
MC9S12XDP512 Data Sheet, Rev. 2.21
566
Freescale Semiconductor
The API Trimming bits APITR[5:0] must be set so the minimum period equals 0.2 ms if stable frequency
is desired.
See Table 14-6 for the trimming effect of APITR.
NOTE
The first period after enabling the counter by APIFE might be reduced.
The API internal RC oscillator clock is not available if VREG_3V3 is in
Shutdown Mode.
14.4.8
Resets
This section describes how VREG_3V3 controls the reset of the MCU.The reset values of registers and
signals are provided in Section 14.3, “Memory Map and Register Definition”. Possible reset sources are
listed in Table 14-9.
14.4.9
Description of Reset Operation
14.4.9.1
Power-On Reset (POR)
During chip power-up the digital core may not work if its supply voltage VDD is below the POR
deassertion level (VPORD). Therefore, signal POR, which forces the other blocks of the device into reset,
is kept high until VDD exceeds VPORD. The MCU will run the start-up sequence after POR deassertion.
The power-on reset is active in all operation modes of VREG_3V3.
14.4.9.2
Low-Voltage Reset (LVR)
For details on low-voltage reset, see Section 14.4.5, “Low-Voltage Reset (LVR)”.
14.4.10 Interrupts
This section describes all interrupts originated by VREG_3V3.
The interrupt vectors requested by VREG_3V3 are listed in Table 14-10. Vector addresses and interrupt
priorities are defined at MCU level.
Table 14-9. Reset Sources
Reset Source
Local Enable
Power-on reset
Always active
Low-voltage reset
Available only in Full Performance Mode
Table 14-10. Interrupt Vectors
Interrupt Source
Local Enable
Low-voltage interrupt (LVI)
LVIE = 1; available only in Full Performance
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com