전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 601 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 601 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 597Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 598Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 599Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 600Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 601Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 602Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 603Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 604Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 605Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 1348 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
601
16.3.1.1
Interrupt Vector Base Register (IVBR)
Read: Anytime
Write: Anytime
Address: 0x0121
76543210
R
IVB_ADDR[7:0]
W
Reset
11111111
Figure 16-3. Interrupt Vector Base Register (IVBR)
Table 16-2. IVBR Field Descriptions
Field
Description
7–0
IVB_ADDR[7:0]
Interrupt Vector Base Address Bits — These bits represent the upper byte of all vector addresses. Out of
reset these bits are set to 0xFF (i.e., vectors are located at 0xFF10–0xFFFE) to ensure compatibility to
HCS12.
Note: A system reset will initialize the interrupt vector base register with “0xFF” before it is used to determine
the reset vector address. Therefore, changing the IVBR has no effect on the location of the three reset
vectors (0xFFFA–0xFFFE).
Note: If the BDM is active (i.e., the CPU is in the process of executing BDM firmware code), the contents of
IVBR are ignored and the upper byte of the vector address is fixed as “0xFF”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com