전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 603 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 603 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 599Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 600Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 601Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 602Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 603Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 604Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 605Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 606Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 607Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 1348 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
603
16.3.1.3
Interrupt Request Configuration Address Register (INT_CFADDR)
Read: Anytime
Write: Anytime
Address: 0x0127
76543210
R
INT_CFADDR[7:4]
0000
W
Reset
00010000
= Unimplemented or Reserved
Figure 16-5. Interrupt Configuration Address Register (INT_CFADDR)
Table 16-5. INT_CFADDR Field Descriptions
Field
Description
7–4
INT_CFADDR[7:4]
Interrupt Request Configuration Data Register Select Bits — These bits determine which of the 128
configuration data registers are accessible in the 8 register window at INT_CFDATA0–7. The hexadecimal
value written to this register corresponds to the upper nibble of the lower byte of the interrupt vector, i.e.,
writing 0xE0 to this register selects the configuration data register block for the 8 interrupt vector requests
starting with vector (vector base + 0x00E0) to be accessible as INT_CFDATA0–7.
Note: Writing all 0s selects non-existing configuration registers. In this case write accesses to
INT_CFDATA0–7 will be ignored and read accesses will return all 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com