전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 606 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 606 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 602Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 603Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 604Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 605Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 606Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 607Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 608Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 609Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 610Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 606 / 1348 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
606
Freescale Semiconductor
Table 16-6. INT_CFDATA0–7 Field Descriptions
Field
Description
7
RQST
XGATE Request Enable — This bit determines if the associated interrupt request is handled by the CPU or by
the XGATE module.
0 Interrupt request is handled by the CPU
1 Interrupt request is handled by the XGATE module
Note: The IRQ interrupt cannot be handled by the XGATE module. For this reason, the configuration register
for vector (vector base + 0x00F2) = IRQ vector address) does not contain a RQST bit. Writing a 1 to the
location of the RQST bit in this register will be ignored and a read access will return 0.
2–0
PRIOLVL[2:0]
Interrupt Request Priority Level Bits — The PRIOLVL[2:0] bits configure the interrupt request priority level of
the associated interrupt request. Out of reset all interrupt requests are enabled at the lowest active level (“1”)
to provide backwards compatibility with previous HCS12 interrupt controllers. Please also refer to Table 16-7 for
available interrupt request priority levels.
Note: Write accesses to configuration data registers of unused interrupt channels will be ignored and read
accesses will return all 0. For information about what interrupt channels are used in a specific MCU,
please refer to the Device User Guide of that MCU.
Note: When vectors (vector base + 0x00F0–0x00FE) are selected by writing 0xF0 to INT_CFADDR, writes to
INT_CFDATA2–7 (0x00F4–0x00FE) will be ignored and read accesses will return all 0s. The
corresponding vectors do not have configuration data registers associated with them.
Note: Write accesses to the configuration register for the spurious interrupt vector request
(vector base + 0x0010) will be ignored and read accesses will return 0x07 (request is handled by the
CPU, PRIOLVL = 7).
Table 16-7. Interrupt Priority Levels
Priority
PRIOLVL2
PRIOLVL1
PRIOLVL0
Meaning
0
0
0
Interrupt request is disabled
low
0
0
1
Priority level 1
0
1
0
Priority level 2
0
1
1
Priority level 3
1
0
0
Priority level 4
1
0
1
Priority level 5
1
1
0
Priority level 6
high
1
1
1
Priority level 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com