전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 693 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 693 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 689Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 690Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 691Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 692Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 693Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 694Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 695Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 697Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 1348 page
background image
Chapter 19 S12X Debug (S12XDBGV2) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
695
XGATE activity can still be compared, traced and can be used to generate a breakpoint to the XGATE
module. When the CPU enters active BDM mode through a BACKGROUND command, with the DBG
module armed, the DBG remains armed.
The DBG module tracing is disabled if the MCU is secure. Breakpoints can however still be generated if
the MCU is secure.
19.1.4
Block Diagram
Figure 19-1 shows a block diagram of the debug module.
Figure 19-1. Debug Block Diagram
19.2
External Signal Description
The DBG sub-module features two external tag input signals (see Table 19-2). See Device User Guide
(DUG) for the mapping of these signals to device pins. These tag pins may be used for the external tagging
in emulation modes only
Table 19-1. Mode Dependent Restriction Summary
BDM
Enable
BDM
Active
MCU
Secure
Comparator Matches
Enabled
Breakpoints
Possible
Tagging
Possible
Tracing
Possible
x
x
1
Yes
Yes
Yes
No
0
0
0
Yes
Only SWI
Yes
Yes
0
1
0
Active BDM not possible when not enabled
1
0
0
Yes
Yes
Yes
Yes
1
1
0
XGATE only
XGATE only
XGATE only
XGATE only
CPU BUS
TRIGGER
EXTERNAL TAGHI / TAGLO
MATCH0
XGATE BUS
COMPARATOR B
COMPARATOR C
COMPARATOR D
COMPARATOR A
MATCH1
MATCH2
MATCH3
READ TRACE DATA (DBG READ DATA BUS)
SECURE
BREAKPOINT REQUESTS
XGATE S/W BREAKPOINT REQUEST
TAGS
TAGHITS
STATE
CPU & XGATE
TAG &
TRIGGER
CONTROL
LOGIC
STATE
SEQUENCER
TRACE
BUFFER
TRACE
CONTROL
TRIGGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com