전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 695 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 695 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 691Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 692Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 693Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 694Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 695Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 697Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 698Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 699Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 695 / 1348 page
background image
Chapter 19 S12X Debug (S12XDBGV2) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
697
19.3
Memory Map and Register Definition
A summary of the registers associated with the DBG sub-block is shown in Figure 19-2. Detailed
descriptions of the registers and bits are given in the subsections that follow.
19.3.1
Register Descriptions
This section consists of the DBG control and trace buffer register descriptions in address order. Each
comparator has a bank of registers that are visible through an 8-byte window between 0x0028 and 0x002F
in the DBG module register address map. When ARM is set in DBGC1, the only bits in the DBG module
registers that can be written are ARM, TRIG and COMRV[1:0]
Address
Register
Name
Bit 7
654321
Bit 0
0x0020
DBGC1
R
ARM
0
XGSBPE
BDM
DBGBRK
COMRV
W
TRIG
0x0021
DBGSR
R
TBF
EXTF
0
0
0
SSF2
SSF1
SSF0
W
0x0022
DBGTCR
R
TSOURCE
TRANGE
TRCMOD
TALIGN
W
0x0023
DBGC2
R
0000
CDCM
ABCM
W
0x0024
DBGTBH
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x0025
DBGTBL
R
Bit 7
654321
Bit 0
W
0x0026
DBGCNT
R
0
CNT
W
0x0027
DBGSCRX
R
0000
SC3
SC2
SC1
SC0
W
0x0028
DBGXCTL1
(COMPA/C)
R0
NDB
TAG
BRK
RW
RWE
SRC
COMPE
W
0x0028
DBGXCTL2
(COMPB/D)
R
SZE
SZ
TAG
BRK
RW
RWE
SRC
COMPE
W
1. This represents the contents if the comparator A or C control register is blended into this address
2. This represents the contents if the comparator B or D control register is blended into this address
= Unimplemented or Reserved
Figure 19-2. DBG Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com