전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 751 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 751 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 747Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 748Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 749Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 750Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 751Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 752Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 753Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 754Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 755Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 751 / 1348 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
753
20.3.2.3
Debug Trace Control Register (DBGTCR)
Read: Anytime
Write: Bits 7:6 only when S12XDBG is neither secure nor armed.
Bits 5:0 anytime the module is disarmed.
Address: 0x0022
76543210
R
TSOURCE
TRANGE
TRCMOD
TALIGN
W
Reset
00000000
Figure 20-5. Debug Trace Control Register (DBGTCR)
Table 20-8. DBGTCR Field Descriptions
Field
Description
7–6
TSOURCE
Trace Source Control Bits — The TSOURCE bits select the data source for the tracing session. If the MCU
system is secured, these bits cannot be set and tracing is inhibited. See Table 20-9.
5–4
TRANGE
Trace Range Bits — The TRANGE bits allow filtering of trace information from a selected address range when
tracing from the S12XCPU in Detail Mode. The XGATE tracing range cannot be narrowed using these bits. To
use a comparator for range filtering, the corresponding COMPE and SRC bits must remain cleared. If the
COMPE bit is not clear then the comparator will also be used to generate state sequence triggers. If the
corresponding SRC bit is set the comparator is mapped to the XGATE buses, the TRANGE bits have no effect
on the valid address range, memory accesses within the whole memory map are traced. See Table 20-10.
3–2
TRCMOD
Trace Mode Bits — See Section 20.4.5.2 for detailed Trace Mode descriptions. In Normal Mode, change of flow
information is stored. In Loop1 Mode, change of flow information is stored but redundant entries into trace
memory are inhibited. In Detail Mode, address and data for all memory and register accesses is stored. See
Table 20-11.
1–0
TALIGN
Trigger Align Bits — These bits control whether the trigger is aligned to the beginning, end or the middle of a
tracing session. See Table 20-12.
Table 20-9. TSOURCE — Trace Source Bit Encoding
TSOURCE
Tracing Source
00
No tracing requested
01
S12XCPU
101
1 No range limitations are allowed. Thus tracing operates as if TRANGE = 00.
XGATE
111,2
2 No Detail Mode tracing supported. If TRCMOD = 10, no information is stored.
Both S12XCPU and XGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com