전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 747 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 747 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 743Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 744Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 745Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 746Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 747Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 748Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 749Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 750Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 751Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 1348 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
749
20.3.2
Register Descriptions
This section consists of the S12XDBG control and trace buffer register descriptions in address order. Each
comparator has a bank of registers that are visible through an 8-byte window between 0x0028 and 0x002F
in the S12XDBG module register address map. When ARM is set in DBGC1, the only bits in the
S12XDBG module registers that can be written are ARM, TRIG, and COMRV[1:0]
20.3.2.1
Debug Control Register 1 (DBGC1)
Read: Anytime
Write: Bits 7, 1, 0 anytime, bit 6 can be written anytime but always reads back as 0.
Bits 5:2 anytime S12XDBG is not armed.
NOTE
When disarming the S12XDBG by clearing ARM with software, the
contents of bits[5:2] are not affected by the write, since up until the write
operation, ARM = 1 preventing these bits from being written. These bits
must be cleared using a second write if required.
0x002A
DBGXAM
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x002B
DBGXAL
R
Bit 7
6
5
4321
Bit 0
W
0x002C
DBGXDH
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x002D
DBGXDL
R
Bit 7
6
5
4321
Bit 0
W
0x002E
DBGXDHM
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x002F
DBGXDLM
R
Bit 7
6
5
4321
Bit 0
W
1 This represents the contents if the Comparator A or C control register is blended into this address.
2 This represents the contents if the Comparator B or D control register is blended into this address
Address: 0x0020
76543210
R
ARM
0
XGSBPE
BDM
DBGBRK
COMRV
W
TRIG
Reset
00000000
Figure 20-3. Debug Control Register (DBGC1)
Address
Name
Bit 7
6
5
4321
Bit 0
Figure 20-2. Quick Reference to S12XDBG Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com