전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 777 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 777 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 773Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 774Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 775Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 776Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 777Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 778Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 779Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 780Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 781Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 777 / 1348 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
779
20.4.5.3.1
Information Byte Organization
The format of the control information byte for both S12XCPU and XGATE modules is dependent upon
the active trace mode and tracing source as described below. In Normal, Loop1, or Pure PC modes tracing
of XGATE activity, XINF is used to store control information. In Normal, Loop1, or Pure PC modes
tracing of S12XCPU activity, CINF is used to store control information. In Detail Mode, CXINF contains
the control information
XGATE Information Byte
X12X_CPU Information Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XSD
XSOT
XCOT
XDV
0
0
0
0
Figure 20-24. XGATE Information Byte XINF
Table 20-40. XINF Field Descriptions
Field
Description
7
XSD
Source Destination Indicator — This bit indicates if the corresponding stored address is a source or destination
address. This is only used in Normal and Loop1 mode tracing.
0 Source Address
1 Destination Address or Start of Thread or Continuation of Thread
6
XSOT
Source Of Thread Indicator — This bit indicates that the corresponding stored address is a start of thread
address. This is only used in Normal and Loop1 mode tracing.
NOTE. This bit only has effect on devices where the XGATE module supports multiple interrupt levels.
0 Stored address not from a start of thread
1 Stored address from a start of thread
5
XCOT
Continuation Of Thread Indicator — This bit indicates that the corresponding stored address is the first
address following a return from a higher priority thread. This is only used in Normal and Loop1 mode tracing.
NOTE. This bit only has effect on devices where the XGATE module supports multiple interrupt levels.
0 Stored address not from a continuation of thread
1 Stored address from a continuation of thread
4
XDV
Data Invalid Indicator — This bit indicates if the trace buffer entry is invalid. It is only used when tracing from
both sources in Normal, Loop1 and Pure PC modes, to indicate that the XGATE trace buffer entry is valid.
0 Trace buffer entry is invalid
1 Trace buffer entry is valid
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CSD
CVA
0
CDV
0
0
0
0
Figure 20-25. S12XCPU Information Byte CINF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com