전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 781 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 781 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 777Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 778Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 779Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 780Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 781Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 782Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 783Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 784Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 785Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 1348 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
783
20.4.6.1
External Tagging using TAGHI and TAGLO
External tagging using the external TAGHI and TAGLO pins can only be used to tag S12XCPU opcodes;
tagging of XGATE code using these pins is not possible. An external tag triggers the state sequencer into
state0 when the tagged opcode reaches the execution stage of the instruction queue.
The pins operate independently, thus the state of one pin does not affect the function of the other. External
tagging is possible in emulation modes only. The presence of logic level 0 on either pin at the rising edge
of the external clock (ECLK) performs the function indicated in the Table 20-43. It is possible to tag both
bytes of an instruction word. If a taghit occurs, a breakpoint can be generated as defined by the DBGBRK
and BDM bits in DBGC1. Each time TAGHI or TAGLO are low on the rising edge of ECLK, the old tag
is replaced by a new one.
20.4.6.2
Unconditional Tagging Function
In emulation modes a low assertion of PE5/TAGLO/MODA in the 7th or 8th bus cycle after reset enables
the unconditional tagging function, allowing immediate tagging via TAGHI/TAGLO with breakpoint to
BDM independent of the ARM, BDM and DBGBRK bits. Conversely these bits are not affected by
unconditional tagging. The unconditional tagging function remains enabled until the next reset. This
function allows an immediate entry to BDM in emulation modes before user code execution. The TAGLO
assertion must be in the 7th or 8th bus cycle following the end of reset, whereby the prior RESET pin
assertion lasts the full 192 bus cycles.
20.4.7
Breakpoints
There are several ways to generate breakpoints to the XGATE and S12XCPU modules
•
Through XGATE software breakpoint requests.
•
From comparator channel triggers to final state.
•
Using software to write to the TRIG bit in the DBGC1 register.
•
From taghits generated using the external TAGHI and TAGLO pins.
•
Through the auxilliary forced breakpoint input.
20.4.7.1
XGATE Software Breakpoints
The XGATE software breakpoint instruction BRK can request an S12XCPU breakpoint, via the
S12XDBG module. In this case, if the XGSBPE bit is set, the S12XDBG module immediately generates
a forced breakpoint request to the S12XCPU, the state sequencer is returned to state0 and tracing, if active,
is terminated. If configured for BEGIN trigger and tracing has not yet been triggered from another source,
the trace buffer contains no information. Breakpoint requests from the XGATE module do not depend
Table 20-43. Tag Pin Function
TAGHI
TAGLO
Tag
1
1
No tag
1
0
Low byte
0
1
High byte
0
0
Both bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com