전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 789 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 789 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 785Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 786Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 787Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 788Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 789Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 790Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 791Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 792Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 793Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 789 / 1348 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
791
21.3.2.1
External Bus Interface Control Register 0 (EBICTL0)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes, the data are read from this register.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
This register controls input pin threshold level and determines the external address and data bus sizes in
normal expanded mode. If not in use with the external bus interface, the related pins can be used for
alternative functions.
External bus is available as programmed in normal expanded mode and always full-sized in emulation
modes and special test mode; function not available in single-chip modes.
76543210
R
ITHRS
0
HDBE
ASIZ4
ASIZ3
ASIZ2
ASIZ1
ASIZ0
W
Reset
00111111
= Unimplemented or Reserved
Figure 21-3. External Bus Interface Control Register 0 (EBICTL0)
Table 21-2. EBICTL0 Field Descriptions
Field
Description
7
ITHRS
Reduced Input Threshold — This bit selects reduced input threshold on external data bus pins and specific
control input signals which are in use with the external bus interface in order to adapt to external devices with a
3.3 V, 5 V tolerant I/O.
The reduced input threshold level takes effect depending on ITHRS, the operating mode and the related enable
signals of the EBI pin function as summarized in Table 21-3.
0 Input threshold is at standard level on all pins
1 Reduced input threshold level enabled on pins in use with the external bus interface
5
HDBE
High Data Byte Enable — This bit enables the higher half of the 16-bit data bus. If disabled, only the lower 8-bit
data bus can be used with the external bus interface. In this case the unused data pins and the data select
signals (UDS and LDS) are free to be used for alternative functions.
0 DATA[15:8], UDS, and LDS disabled
1 DATA[15:8], UDS, and LDS enabled
4–0
ASIZ[4:0]
External Address Bus Size — These bits allow scalability of the external address bus. The programmed value
corresponds to the number of available low-aligned address lines (refer to Table 21-4). All address lines
ADDR[22:0] start up as outputs after reset in expanded modes. This needs to be taken into consideration when
using alternative functions on relevant pins in applications which utilize a reduced external address bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com