전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 791 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 791 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 787Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 788Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 789Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 790Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 791Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 792Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 793Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 794Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 795Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 791 / 1348 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
793
21.3.2.2
External Bus Interface Control Register 1 (EBICTL1)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data are read from this register.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
This register is used to configure the external access stretch (wait) function.
76543210
R
EWAITE
0000
EXSTR2
EXSTR1
EXSTR0
W
Reset
00000111
= Unimplemented or Reserved
Figure 21-4. External Bus Interface Control Register 1 (EBICTL1)
Table 21-5. EBICTL1 Field Descriptions
Field
Description
7
EWAITE
External Wait Enable — This bit enables the external access stretch function using the external EWAIT input
pin. Enabling this feature may have effect on the minimum number of additional stretch cycles (refer to
Table 21-6).
External wait feature is only active if enabled in normal expanded mode and emulation expanded mode; function
not available in all other operating modes.
0 External wait is disabled
1 External wait is enabled
2–0
EXSTR[2:0]
External Access Stretch Bits 2, 1, 0 — This three bit field determines the amount of additional clock stretch
cycles on every access to the external address space as shown in Table 21-6. The minimum number of stretch
cycles depends on the EWAITE setting.
Stretch cycles are added as programmed in normal expanded mode and emulation expanded mode; function
not available in all other operating modes.
Table 21-6. External Access Stretch Bit Definition
EXSTR[2:0]
Number of Stretch Cycles
EWAITE = 0
EWAITE = 1
000
1 cycle
>= 2 cycles
001
2 cycles
>= 2 cycles
010
3 cycles
>= 3 cycles
011
4 cycles
>= 4 cycles
100
5 cycles
>= 5 cycles
101
6 cycles
>= 6 cycles
110
7 cycles
>= 7 cycles
111
8 cycles
>= 8 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com