전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 800 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 800 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 796Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 797Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 798Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 799Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 800Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 801Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 802Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 803Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 804Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 800 / 1348 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
802
Freescale Semiconductor
21.5.1
Normal Expanded Mode
This mode allows interfacing to external memories or peripherals which are available in the commercial
market. In these applications the normal bus operation requires a minimum of 1 cycle stretch for each
external access.
21.5.1.1
Example 1a: External Wait Feature Disabled
The first example of bus timing of an external read and write access with the external wait feature disabled
is shown in
•
Figure ‘Example 1a: Normal Expanded Mode — Read Followed by Write’
The associated supply voltage dependent timing are numbers given in
•
Table ‘Example 1a: Normal Expanded Mode Timing VDD5 = 5.0 V (EWAITE = 0)’
•
Table ‘Example 1a: Normal Expanded Mode Timing VDD5 = 3.0 V (EWAITE = 0)’
Systems designed this way rely on the internal programmable access stretching. These systems have
predictable external memory access times. The additional stretch time can be programmed up to 8 cycles
to provide longer access times.
21.5.1.2
Example 1b: External Wait Feature Enabled
The external wait operation is shown in this example. It can be used to exceed the amount of stretch cycles
over the programmed number in EXSTR[2:0]. The feature must be enabled by writing EWAITE = 1.
If the EWAIT signal is not asserted, the number of stretch cycles is forced to a minimum of 2 cycles. If
EWAIT is asserted within the predefined time window during the access it will be strobed active and
another stretch cycle is added. If strobed inactive, the next cycle will be the last cycle before the access is
finished. EWAIT can be held asserted as long as desired to stretch the access.
An access with 1 cycle stretch by EWAIT assertion is shown in
•
Figure ‘Example 1b: Normal Expanded Mode — Stretched Read Access’
•
Figure ‘Example 1b: Normal Expanded Mode — Stretched Write Access’
The associated timing numbers for both operations are given in
•
Table ‘Example 1b: Normal Expanded Mode Timing VDD5 = 5.0 V (EWAITE = 1)’
•
Table ‘Example 1b: Normal Expanded Mode Timing VDD5 = 3.0 V (EWAITE = 1)’
It is recommended to use the free-running clock (ECLK) at the fastest rate (bus clock rate) to synchronize
the EWAIT input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com