전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 803 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 803 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 799Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 800Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 801Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 802Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 803Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 804Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 805Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 806Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 807Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 1348 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
805
21.5.2.2
Example 2b: Emulation Expanded Mode
This mode is used for emulation systems in which the target application is operating in normal expanded
mode.
If the external bus is used with a PRU, the external device rebuilds the data select and data direction signals
UDS, LDS, RE, and WE from the ADDR0, LSTRB, and R/W signals.
Figure 21-6 shows the PRU connection with the available external bus signals in an emulator application.
Figure 21-6. Application in Emulation Expanded Mode
The timings of accesses with 1 stretch cycle are shown in
•
Figure ‘Example 2b: Emulation Expanded Mode — Read with 1 Stretch Cycle’
•
Figure ‘Example 2b: Emulation Expanded Mode — Write with 1 Stretch Cycle’
The associated timing numbers are given in
•
Table ‘Example 2b: Emulation Expanded Mode Timing VDD5 = 5.0 V (EWAITE = 0)’ (this also
includes examples for alternative settings of 2 and 3 additional stretch cycles)
Timing considerations:
•
If no stretch cycle is added, the timing is the same as in Emulation Single-Chip Mode.
S12X_EBI
ADDR[22:0]/IVD[15:0]
DATA[15:0]
ECLK
ECLKX2
LSTRB
R/W
UDS
LDS
RE
WE
ADDR[22:20]/ACC[2:0]
ADDR[19:16]/
CS[2:0]
PRR
Ports
PRU
IQSTAT[3:0]
EMULMEM
Emulator
EWAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com