전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 825 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 825 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 821Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 822Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 823Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 824Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 825Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 826Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 827Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 828Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 829Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1348 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
827
22.3.2.1
Port A Data Register (PORTA)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
22.3.2.2
Port B Data Register (PORTB)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data source is depending on the data direction value.
76543210
R
PA7PA6
PA5PA4
PA3PA2
PA1PA0
W
Alt.
Function
ADDR15
mux
IVD15
ADDR14
mux
IVD14
ADDR13
mux
IVD13
ADDR12
mux
IVD12
ADDR11
mux
IVD11
ADDR10
mux
IVD10
ADDR9
mux
IVD9
ADDR8
mux
IVD8
Reset
00000000
Figure 22-3. Port A Data Register (PORTA)
Table 22-4. PORTA Field Descriptions
Field
Description
7–0
PA[7:0]
Port A — Port A pins 7–0 are associated with address outputs ADDR15 through ADDR8 respectively in
expanded modes. When this port is not used for external addresses, these pins can be used as general purpose
I/O. If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
76543210
R
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
W
Alt.
Function
ADDR7
mux
IVD7
ADDR6
mux
IVD6
ADDR5
mux
IVD5
ADDR4
mux
IVD4
ADDR3
mux
IVD3
ADDR2
mux
IVD2
ADDR1
mux
IVD1
ADDR0
mux
IVD0
or
UDS
Reset
00000000
Figure 22-4. Port B Data Register (PORTB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com