전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 828 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 828 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 824Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 825Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 826Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 827Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 828Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 829Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 830Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 831Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 832Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 1348 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
830
Freescale Semiconductor
22.3.2.5
Port C Data Register (PORTC)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
22.3.2.6
Port D Data Register (PORTD)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
76543210
R
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
W
Exp.:
DATA15
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
Reset
00000000
Figure 22-7. Port C Data Register (PORTC)
Table 22-8. PORTC Field Descriptions
Field
Description
7–0
PC[7:0]
Port C — Port C pins 7–0 are associated with data I/O lines DATA15 through DATA8 respectively in expanded
modes. When this port is not used for external data, these pins can be used as general purpose I/O. If the data
direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the port register,
otherwise the buffered pin input state is read.
76543210
R
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
W
Exp.:
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Reset
00000000
Figure 22-8. Port D Data Register (PORTD)
Table 22-9. PORTD Field Descriptions
Field
Description
7–0
PD[7:0]
Port D — Port D pins 7–0 are associated with data I/O lines DATA7 through DATA0 respectively in expanded
modes. When this port is not used for external data, these pins can be used as general purpose I/O. — If the
data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the port register,
otherwise the buffered pin input state is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com