전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1003 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1003 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 999Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1000Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1001Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1002Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1003Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1004Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1005Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1006Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1007Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1003 / 1348 page
background image
If the associated SCI transmit or receive channel is enabled this register has no effect on the pins.
The pin is forced to be an output if a SCI transmit channel is enabled, it is forced to be an input if
the SCI receive channel is enabled.
The DDRS bits revert to controlling the I/O direction of a pin when the associated channel is
disabled.
24.0.5.22 Port S Reduced Drive Register (RDRS)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each port S output pin as either full or reduced. If the
port is used as input this bit is ignored.
24.0.5.23 Port S Pull Device Enable Register (PERS)
Read: Anytime.
Table 24-23. DDRS Field Descriptions
Field
Description
7–0
DDRS[7:0]
Data Direction Port S
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PTS or PTIS registers, when changing the DDRS register.
76543210
R
RDRS7
RDRS6
RDRS5
RDRS4
RDRS3
RDRS2
RDRS1
RDRS0
W
Reset
00000000
Figure 24-24. Port S Reduced Drive Register (RDRS)
Table 24-24. RDRS Field Descriptions
Field
Description
7–0
RDRS[7:0]
Reduced Drive Port S
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERS7
PERS6
PERS5
PERS4
PERS3
PERS2
PERS1
PERS0
W
Reset
11111111
Figure 24-25. Port S Pull Device Enable Register (PERS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com