전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1004 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1004 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1000Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1001Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1002Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1003Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1004Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1005Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1006Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1007Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1008Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1348 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
1006
Freescale Semiconductor
Write: Anytime.
This register configures whether a pull-up or a pull-down device is activated, if the port is used as input or
as output in wired-OR (open drain) mode. This bit has no effect if the port is used as push-pull output. Out
of reset a pull-up device is enabled.
24.0.5.24 Port S Polarity Select Register (PPSS)
Read: Anytime.
Write: Anytime.
This register selects whether a pull-down or a pull-up device is connected to the pin.
24.0.5.25 Port S Wired-OR Mode Register (WOMS)
Read: Anytime.
Write: Anytime.
Table 24-25. PERS Field Descriptions
Field
Description
7–0
PERS[7:0]
Pull Device Enable Port S
0 Pull-up or pull-down device is disabled.
1 Either a pull-up or pull-down device is enabled.
76543210
R
PPSS7
PPSS6
PPSS5
PPSS4
PPSS3
PPSS2
PPSS1
PPSS0
W
Reset
00000000
Figure 24-26. Port S Polarity Select Register (PPSS)
Table 24-26. PPSS Field Descriptions
Field
Description
7–0
PPSS[7:0]
Pull Select Port S
0 A pull-up device is connected to the associated port S pin, if enabled by the associated bit in register PERS
and if the port is used as input or as wired-OR output.
1 A pull-down device is connected to the associated port S pin, if enabled by the associated bit in register PERS
and if the port is used as input.
76543210
R
WOMS7
WOMS6
WOMS5
WOMS4
WOMS3
WOMS2
WOMS1
WOMS0
W
Reset
00000000
Figure 24-27. Port S Wired-OR Mode Register (WOMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com