전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1265 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1265 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1261Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1262Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1263Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1264Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1265Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1266Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1267Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1268Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1265 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1267
A.5
Reset, Oscillator, and PLL
This section summarizes the electrical characteristics of the various startup scenarios for oscillator and
phase-locked loop (PLL).
A.5.1
Startup
Table A-21 summarizes several startup characteristics explained in this section. Detailed description of the
startup behavior can be found in the Clock and Reset Generator (CRG) Block Guide.
A.5.1.1
POR
The release level VPORR and the assert level VPORA are derived from the VDD supply. They are also valid
if the device is powered externally. After releasing the POR reset the oscillator and the clock quality check
are started. If after a time tCQOUT no valid oscillation is detected, the MCU will start using the internal self
clock. The fastest startup time possible is given by nuposc.
A.5.1.2
SRAM Data Retention
Provided an appropriate external reset signal is applied to the MCU, preventing the CPU from executing
code when VDD35 is out of specification limits, the SRAM contents integrity is guaranteed if after the reset
the PORF bit in the CRG flags register has not been set.
A.5.1.3
External Reset
When external reset is asserted for a time greater than PWRSTL the CRG module generates an internal
reset, and the CPU starts fetching the reset vector without doing a clock quality check, if there was an
oscillation before reset.
A.5.1.4
Stop Recovery
Out of stop the controller can be woken up by an external interrupt. A clock quality check as after POR is
performed before releasing the clocks to the system.
Table A-21. Startup Characteristics
Conditions are shown in Table A-4unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
D Reset input pulse width, minimum input time
PWRSTL
2—
—
tosc
2
D Startup from reset
nRST
192
—
196
nosc
3
D Interrupt pulse width, IRQ edge-sensitive mode
PWIRQ
251
1 1 t
cycle at 40Mhz Bus Clock
——
ns
4
D Wait recovery startup time
tWRS
—
—
14
tcyc
5
D Fast wakeup from STOP2
2 V
DD1/VDD2 filter capacitors 220 nF, VDD35 = 5 V, T= 25°C
tfws
—50—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com