전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1262 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1262 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1258Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1259Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1260Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1261Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1262Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1263Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1264Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1265Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1262 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
1264
Freescale Semiconductor
A.4
Voltage Regulator
Table A-19. Voltage Regulator Electrical Characteristics
Num
C
Characteristic
Symbol
Min
Typ
Max
Unit
1
P
Input voltages
VVDDR,A
3.15
—
5.5
V
2
P
Output voltage core
Full performance mode
Reduced power mode
Shutdown mode
VDD
2.35
1.4
—
2.54
2.25
—1
1 High impedance output
2.75
2.75
—
V
V
V
3
P
Output Voltage PLL
Full Performance Mode
Reduced power mode
Shutdown mode
VDDPLL
2.35
1.25
—
2.54
2.25
—2
2 High impedance output
2.75
2.75
—
V
V
V
4
P
Low-voltage interrupt3
Assert level
Deassert level
3 Monitors V
DDA, active only in full performance mode. Indicates I/O and ADC performance degradation due to low supply
voltage.
VLVIA
VLVID
4.0
4.15
4.37
4.52
4.66
4.77
V
V
5
P
Low-voltage reset45
Assert level
4 Monitors V
DD, active only in full performance mode. MCU is monitored by the POR in RPM (see Figure A-1)
5 Digital functionality is guaranteed in the range between V
DD(min) and VLVRA(min).
VLVRA
2.25
—
—
V
6
C
Power-on reset6
Assert level
Deassert level
6 Monitors V
DD. Active in all modes.
VPORA
VPORD
0.97
—
—
—
—
2.05
V
V
7
C
Trimmed API internal clock7
∆f / fnominal
7 The API Trimming bits must be set that the minimum periode equals to 0.2 ms. f
nominal = 1/0.2ms
dfAPI
– 10%
—
+ 10%
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com