전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 192 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 192 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 188Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 189Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 190Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 191Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 192Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 193Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 194Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 195Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 196Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
192
Freescale Semiconductor
6.3.1.2
XGATE Channel ID Register (XGCHID)
The XGATE channel ID register (Figure 6-4) shows the identifier of the XGATE channel that is currently
active. This register will read “$00” if the XGATE module is idle. In debug mode this register can be used
to start and terminate threads (see Section 6.6.1, “Debug Features”).
Read: Anytime
Write: In Debug Mode
6.3.1.3
XGATE Vector Base Address Register (XGVBR)
The vector base address register (Figure 6-5 and Figure 6-6) determines the location of the XGATE vector
block.
Read: Anytime
Write: Only if the module is disabled (XGE = 0) and idle (XGCHID = $00))
76543210
R
0
XGCHID[6:0]
W
Reset
00000000
= Unimplemented or Reserved
Figure 6-4. XGATE Channel ID Register (XGCHID)
Table 6-2. XGCHID Field Descriptions
Field
Description
6–0
XGCHID[6:0]
Request Identifier — ID of the currently active channel
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
XGVBR[15:1]
0
W
Reset
0
0
0
0000000000000
= Unimplemented or Reserved
Figure 6-5. XGATE Vector Base Address Register (XGVBR)
Table 6-3. XGVBR Field Descriptions
Field
Description
15–1
XBVBR[15:1]
Vector Base Address — The XGVBR register holds the start address of the vector block in the XGATE
memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com