전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 195 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 195 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 191Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 192Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 193Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 194Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 195Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 196Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 197Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 198Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
195
6.3.1.5
XGATE Software Trigger Register (XGSWT)
The eight software triggers of the XGATE module can be set and cleared through the XGATE software
trigger register (Figure 6-7). The upper byte of this register, the software trigger mask, controls the write
access to the lower byte, the software trigger bits. These bits can be set or cleared if a "1" is written to the
associated mask in the same bus cycle.
Read: Anytime
Write: Anytime
NOTE
The XGATE channel IDs that are associated with the eight software triggers
are determined on chip integration level. (see Section “Interrupts” of the Soc
Guide)
XGATE software triggers work like any peripheral interrupt. They can be
used as XGATE requests as well as S12X_CPU interrupts. The target of the
software trigger must be selected in the S12X_INT module.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
00000000
XGSWT[7:0]
W
XGSWTM[7:0]
Reset
0
0
0
0000000000000
Figure 6-7. XGATE Software Trigger Register (XGSWT)
Table 6-5. XGSWT Field Descriptions
Field
Description
15–8
XGSWTM[7:0]
Software Trigger Mask — These bits control the write access to the XGSWT bits. Each XGSWT bit can only
be written if a "1" is written to the corresponding XGSWTM bit in the same access.
Read:
These bits will always read "0".
Write:
0 Disable write access to the XGSWT in the same bus cycle
1 Enable write access to the corresponding XGSWT bit in the same bus cycle
7–0
XGSWT[7:0]
Software Trigger Bits — These bits act as interrupt flags that are able to trigger XGATE software channels.
They can only be set and cleared by software.
Read:
0 No software trigger pending
1 Software trigger pending if the XGIE bit is set
Write:
0 Clear Software Trigger
1 Set Software Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com