| 전자부품 데이터시트 검색엔진 |
|
910GL 데이터시트(PDF) 229 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL 데이터시트(HTML) 229 Page - Intel Corporation |
|
229 / 426 page ![]() Functional Description R Datasheet 229 Table 12-4. DRAM Address Translation (Single Channel/Dual Asymmetric Mode) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 256 Mb x16 4i 4 KB 128 MB r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 r11 r12 b0 b1 c8 c7 c6 c5 c4 c3 c2 c1 c0 256 Mb x8 4i 8 KB 256 MB r12 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 r11 b1 b0 c9 c8 c7 c6 c5 c4 c3 c2 c1 c0 512 Mb x16 4i 8 KB 256 MB r12 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 r11 b1 b0 c9 c8 c7 c6 c5 c4 c3 c2 c1 c0 512 Mb x8 4i 16 KB 512 MB r11 r12 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 b0 b1 c11 c9 c8 c7 c6 c5 c4 c3 c2 c1 c0 512 Mb x16 4i 8 KB 256 MB r12 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 r11 b1 b0 c9 c8 c7 c6 c5 c4 c3 c2 c1 c0 512 Mb x8 4i 8 KB 512 MB r13 r12 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 r11 b1 b0 c9 c8 c7 c6 c5 c4 c3 c2 c1 c0 1 Gb x16 4i 8 KB 512 MB r13 r12 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 r11 b1 b0 c9 c8 c7 c6 c5 c4 c3 c2 c1 c0 1 Gb x8 4i 16 KB 1 GB r13 r11 r12 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 b0 b1 c11 c9 c8 c7 c6 c5 c4 c3 c2 c1 c0 1 Gb x16 8i 8 KB 512 MB r11 r12 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 b0 b1 b2 c9 c8 c7 c6 c5 c4 c3 c2 c1 c0 1 Gb x8 8i 8 KB 1 GB r13 r11 r12 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 b0 b1 b2 c9 c8 c7 c6 c5 c4 c3 c2 c1 c0 NOTES: 1. b – ‘bank’ select bit 2. c – ‘column’ address bit 3. r – ‘row’ address bit |