전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

705-5100-F21 데이터시트(PDF) 23 Page - Magnetrol International, Inc.

부품명 705-5100-F21
상세설명  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 데이터시트(HTML) 23 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 27Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
4.3
GWR Transducer Block
The GWR TRANSDUCER block is a custom block
containing parameters that support the Enhanced Eclipse
Model 705 level transmitter. It contains the GWR probe
configuration, diagnostics, and calibration data, and outputs
level with status information.
The TRANSDUCER block parameters are grouped in a
useful configuration. There are both read-only parameters
and read-write parameters within the TRANSDUCER block.
• The read-only parameters report the block status and
operation modes.
• The read-write parameters affect the function block basic
operation, level transmitter operation, and calibration.
The Transducer Block remains in AUTO mode even when
the local interface (keypad) is used to change a parameter
online.
4.3.1 GWR Transducer Block Parameters
The first eight parameters in the GWR TRANSDUCER
block are the standard block parameters discussed in section
4.1.1. The standard parameters are followed by these addi-
tional required parameters for a Level Transducer Block:
Corresponding parameter names from Profile specification
are shown parenthetically if different from parameter names
used by Model 705.
LEVEL (PRIMARY_VALUE): The process value Level is
Probe Level + Level Offset and an associated status.
LEVEL_UNIT (PRIMARY_VALUE_UNIT): Unit of
measurement for level process variable (primary value).
PROBE_LEVEL (LEVEL): Level on the probe relative to
the end of the probe in Probe Level units.
PROBE_LEVEL_UNIT (LEVEL_UNIT): Unit of meas-
urement for probe level parameters: Level Offset, Probe
Level, Probe Level Hi, and Probe Level Lo.
SENSOR_VALUE: Sensor Value is the physical value of
the sensor (distance).
SENSOR_UNIT: Unit of measurement for sensor parameters.
SENSOR_OFFSET: Distance from the sensor reference
point to the top of the tank in sensor units.
CAL_TYPE: Defines type of calibration. Dry indicates that
sensor value has no influence on the level calibration.
SENSOR_CAL_LO (CAL_POINT_LO): Sensor Cal Lo
is the lower calibrated point of Sensor Value in sensor units.
It refers to Probe Level Lo.
23
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com