전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

705-5100-F21 데이터시트(PDF) 37 Page - Magnetrol International, Inc.

부품명 705-5100-F21
상세설명  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 데이터시트(HTML) 37 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 33Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 34Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 35Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 36Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 37Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 38Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 39Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 40Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 41Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
7.1.3 Error Mapped to Diagnosis
Some error codes are mapped to information bits in the
PHYSICAL_BLOCK_DIAGNOSIS parameter as shown in the
following table:
Display Message
Description
No Signal Fault
Failure in Measurement
Lvl<PL Fault
Failure in Measurement
EOP<PL Fault
Failure in Measurement
No End of Ramp Fault
Electronic Hardware Failure/Maint Required
No Fiducial Fault
Electronic Hardware Failure/Maint Required
Default Parameters
Fault
Configuration not valid
EOP High Fault
Configuration not valid
Hi Temperature
Warning
Electronic Temperature too high
Display Message
Action
Comment
Safety Zone Flt
Safety Zone Alarm has been tripped.
Decrease level in vessel.
No Signal
No level signal being detected.
1) Ensure Dielectric setting is correct for the measured medium.
2) Increase Sensitivity
3) Confirm Probe Model is proper for the dielectric of the medium.
4) Consult factory.
EOP<Probe Length
End of Probe signal from a dry probe
is out of range.
1) Ensure the Probe Length is entered correctly.
2) Set Dielectric to a lower dielectric range.
3) Consult factory.
4) Ensure proper Blocking Distance.
Lvl<Probe Length
Apparent position of the upper level
pulse is beyond the end of the probe.
1) Check entered Probe Length.
2) Change Threshold to Fixed.
EOP High
End of Probe signal is out of range.
1) Ensure Probe Length is entered correctly.
2) Consult factory.
High Volume Flt
Level more than 5% above highest point
in strapping table.
1) Verify strapping table is entered correctly.
2) Signal amplitude may be lower than desired.
Hi Temperature
Present temperature in electronics
compartment is above 80 C.
1) Transmitter may need to be moved to ensure ambient
temperature is within specification.
2) Change to remote mount transmitter.
Lo Temperature
Present temperature in electronics
compartment is below -40° F (-40° C).
1) Transmitter may need to be moved to ensure ambient
temperature is within specification.
2) Change to remote transmitter.
Default Cal
Factory set default calibration
parameters are in use. Level reading
may be inaccurate.
Consult factory.
No Steam Target
No steam target detected on
Model 7x5 probe.
Consult factory.
Initializing
None
Program is initializing. This is a transient condition.
May be Flooded
Loss of level signal possibly due to
flooding. Twin Rod probes only.
1) Decrease level in vessel.
2) Set Dielectric to lower range value.
3) Replace with Model 7xR Overfill probe.
Dry Probe
None
Normal message for a dry probe. End of Probe signal is being
detected in correct location.
Weak Signal
None. Signal amplitude is lower than
desired.
1) Set Dielectric to a lower range value.
2) Increase Sensitivity.
7.1.2 Device Status Parameter in the Transducer Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com