전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

705-5100-F21 데이터시트(PDF) 28 Page - Magnetrol International, Inc.

부품명 705-5100-F21
상세설명  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 데이터시트(HTML) 28 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 27Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 28Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 29Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 30Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 31Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 32Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
4.5
Analog Input Block
The ANALOG INPUT (AI) block takes the Transducer
Block input data, selected by channel number, and makes it
available to other function blocks at its output:
1. Level
2. Volume
3. Interface
4. Interface Volume
4.5.1 AI Block Parameters
The first eight parameters in an AI block are the standard
block parameters discussed in section 4.1.1. Additional
analog input function block parameters are as follows:
BATCH: A parameter intended to be used in Batch applica-
tion in line with IEC 61512 Part 1.
OUT: Contains the current measurement value in the con-
figuration engineering unit.
PV_SCALE: High and low scale values used to convert
Process Variable Configured by channel into percent.
OUT_SCALE: The high and low scale values, the engineer-
ing code, and number of digits to the right of the decimal
point to be used in displaying the OUT parameters.
LIN_TYPE: Type of linearization. No linerization is sup-
ported in the AI function blocks.
CHANNEL: Selects the measurement value from an active
transducer block as the input to the function block.
PV_FTIME: Filter time of the Process Variable.
FSAFE_TYPE: Defines the reaction of a device, if a fault is
detected and the quality of the process variable input from
the transducer block is BAD.
0 = FSAFE_VALUE is used as OUT
1 = Use last stored valid OUT value
2 = OUT has incorrect calculated value; status
remains “bad”.
FSAFE_VALUE: Default value for the OUT parameter, if a
fault is detected, and FSAFE_TYPE is 0.
HI_LIM: Value of the upper limit of warnings.
LO_LIM: Value of the lower limit of warnings.
ALARM_HYS: Hysteresis to adjust sensitivity of alarm
triggering.
HI_HI_LIM: Value of the upper limit of alarms.
HI_LIM: Value of the upper limit of warnings.
LO_LIM: Value of the lower limit of warnings.
28
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
Scaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com