전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

705-5100-F21 데이터시트(PDF) 36 Page - Magnetrol International, Inc.

부품명 705-5100-F21
상세설명  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 데이터시트(HTML) 36 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 32Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 33Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 34Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 35Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 36Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 37Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 38Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 39Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 40Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
7.1.2 Device Status Parameter in the
Transducer Block
The following table lists the conditions indicated in the
Device Status parameter. It also shows the affect the condi-
tion has on PV status, Sub-Status and Limit.
The first condition is Type Mode. If everything is running
normally and there are no Faults or Warnings, then the
device indicates it is “OK” an the local display and in
Device Status.
The next set of conditions is device faults. The device will
most likely not be able to measure level correctly if one or
more of these conditions occur. The condition will be indi-
cated in Device Status and will affect PV Status, Sub-Status
and Limit as indicated.
The next set of conditions is the device warnings. The con-
dition will not jeopardize the level measurement. However,
knowledge of the condition may be useful in troubleshooting
the device.
The following table describes the conditions that can be
seen in Device Status:
Device Status
PV Status
Quality
PV Sub Status
Limit
Type
Label
Bit #
Value
Mode
OK
15
0x00008000
Good
Non-Specific
Not Limited
Fault
Default Params
28
0x10000000
Bad
Configuration Error
Not Limited
Fault
No End of Ramp
27
0x08000000
Bad
Device Failure
Constant Limited
Fault
Lvl<Probe Length
23
0x00800000
Bad
Sensor Failure
Constant Limited
Fault
No Fiducial
21
0x00200000
Bad
Device Failure
Constant Limited
Fault
Safety Zone FLT
20
0x00100000
Bad
Non-Specific
Not Limited
Fault
No Signal
19
0x00080000
Bad
Sensor Failure
Constant Limited
Fault
EOP<Probe Length 18
0x00040000
Bad
Sensor Failure
Constant Limited
Fault
EOP High
17
0x00020000
Bad
Configuration Error
Not Limited
Fault
High Volume Fit
16
0x00010000
Bad
Configuration Error
High Limited
Warning
Hi Temperature
11
0x00000800
No Effect
No Effect
No Effect
Warning
Lo Temperature
10
0x00000400
No Effect
No Effect
No Effect
Warning
Default Cal
9
0x00000200
No Effect
No Effect
No Effect
Warning
Initializing
4
0x00000010
Uncertain
Initial Value
Constant Limited
Warning
May be Flooded
3
0x00000008
No Effect
No Effect
High Limited
Warning
Dry Probe
2
0x00000004
No Effect
No Effect
Low Limited
Warning
Weak Signal
1
0x00000002
No Effect
No Effect
No Effect
Warning
No Steam Target
6
0x00000040
No Effect
No Effect
No Effect
Display Message
Action
Comment
OK
None
Normal operating mode.
Default Params
Internal non-volatile parameters have
been defaulted.
Consult factory.
No End of Ramp
No End-of Ramp signal detected.
Consult factory.
No Fiducial
Fiducial signal is not being
detected.
1) Check connection between probe and transmitter.
2) Check for moisture on top of probe.
3) Check for damaged gold pin in the high frequency connector.
4) Consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com