전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

705-5100-F21 데이터시트(PDF) 47 Page - Magnetrol International, Inc.

부품명 705-5100-F21
상세설명  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 데이터시트(HTML) 47 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 43Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 44Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 45Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 46Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 47Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 48Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 49Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 50Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 51Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
47
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
7.5.2 Probe
Insertion Length
NPT Process Connection
Insertion Length
BSP Process Connection
Insertion Length
ANSI or DIN Welded Flange
Insertion Length
Sanitary Flange
7
5L
3" 900#
ANSI Ring Joint Flange

5M
3" 1500#
ANSI Ring Joint Flange

5N
3" 2500#
ANSI Ring Joint Flange

6K
4" 600#
ANSI Ring Joint Flange

6L
4" 900#
ANSI Ring Joint Flange

6M
4" 1500#
ANSI Ring Joint Flange

6N
4" 2500#
ANSI Ring Joint Flange

48
2" 2500#
ANSI Raised Face Flange

53
3" 150#
ANSI Raised Face Flange
54
3" 300#
ANSI Raised Face Flange
55
3" 600#
ANSI Raised Face Flange

56
3" 900#
ANSI Raised Face Flange

57
3" 1500#
ANSI Raised Face Flange

58
3" 2500#
ANSI Raised Face Flange

63
4" 150#
ANSI Raised Face Flange
64
4" 300#
ANSI Raised Face Flange
65
4" 600#
ANSI Raised Face Flange

66
4" 900#
ANSI Raised Face Flange

67
4" 1500#
ANSI Raised Face Flange

68
4" 2500#
ANSI Raised Face Flange

23
1" 150#
ANSI Raised Face Flange
Œ
24
1" 300#
ANSI Raised Face Flange
Œ
25
1" 600#
ANSI Raised Face Flange

27
1" 900/1500#
ANSI Raised Face Flange

28
1'' 2500#
ANSI Raised Face Flange

33
1
1⁄2" 150#
ANSI Raised Face Flange
Œ
34
1
1⁄2" 300#
ANSI Raised Face Flange
Œ
35
1
1⁄2" 600#
ANSI Raised Face Flange

37
1
1⁄2" 900/1500# ANSI Raised Face Flange

38
1
1⁄2" 2500#
ANSI Raised Face Flange

43
2" 150#
ANSI Raised Face Flange
Œ
44
2" 300#
ANSI Raised Face Flange
Œ
45
2" 600#
ANSI Raised Face Flange

47
2" 900/1500#
ANSI Raised Face Flange

3K
1
1⁄2" 600#
ANSI Ring Joint Flange

3M
1
1⁄2" 900/1500# ANSI Ring Joint Flange

3N
1
1⁄2" 2500#
ANSI Ring Joint Flange

4K
2" 600#
ANSI Ring Joint Flange

4M
2" 900/1500#
ANSI Ring Joint Flange

4N
2" 2500#
ANSI Ring Joint Flange

5K
3" 600#
ANSI Ring Joint Flange

PROCESS CONNECTION SIZE/TYPE
THREADED CONNECTIONS
ANSI RAISED FACE FLANGE CONNECTIONS
ANSI RING JOINT FLANGE CONNECTIONS
Œ Configuration/Style Codes A, D, P, R & S only.
 Configuration/Style Codes D & P only.
Ž Configuration/Style Codes B, F, 1, 2, 5 & 7 only.
11
3⁄4" NPT Thread
Œ
22
1" BSP Thread
Œ
41
2" NPT Thread
Ž
42
2" BSP Thread
Ž



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com