전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 34 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 34 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 30Page - Microchip Technology PIC24F16KA102 Datasheet HTML 31Page - Microchip Technology PIC24F16KA102 Datasheet HTML 32Page - Microchip Technology PIC24F16KA102 Datasheet HTML 33Page - Microchip Technology PIC24F16KA102 Datasheet HTML 34Page - Microchip Technology PIC24F16KA102 Datasheet HTML 35Page - Microchip Technology PIC24F16KA102 Datasheet HTML 36Page - Microchip Technology PIC24F16KA102 Datasheet HTML 37Page - Microchip Technology PIC24F16KA102 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 278 page
background image
TABLE 4-4:
ICN REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CNEN1 0060
CN15IE(1)
CN14IE
CN13IE
CN12IE
CN11IE(1)
CN9IE
CN8IE
CN7IE(1)
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000
CNEN2 0062
CN30IE
CN29IE
CN27IE(1)
CN24IE(1)
CN23IE
CN22IE
CN21IE
—CN16IE(1)
0000
CNPU1 0068 CN15PUE(1) CN14PUE CN13PUE CN12PUE CN11PUE(1)
CN9PUE
CN8PUE
CN7PUE(1) CN6PUE CN5PUE CN4PUE CN3PUE CN2PUE CN1PUE
CN0PUE
0000
CNPU2 006A
CN30PUE CN29PUE
—CN27PUE(1)
—CN24PUE(1) CN23PUE CN22PUE CN21PUE
CN16PUE(1) 0000
CNPD1 0070 CN15PDE(1) CN14PDE CN13PDE CN12PDE CN11PDE(1)
CN9PDE
CN8PDE
CN7PDE(1) CN6PDE CN5PDE CN4PDE CN3PDE CN2PDE CN1PDE
CN0PDE
0000
CNPD2 0072
CN30PDE CN29PDE
—CN27PDE(1)
—CN24PDE(1) CN23PDE CN22PDE CN21PDE
CN16PDE(1) 0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits are not implemented in 20-pin devices.
TABLE 4-5:
INTERRUPT CONTROLLER REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
INTCON1 0080
NSTDIS
MATHERR ADDRERR STKERR
OSCFAIL
0000
INTCON2 0082
ALTIVT
DISI
INT2EP
INT1EP
INT0EP
0000
IFS0
0084
NVMIF
AD1IF
U1TXIF
U1RXIF
SPI1IF
SPF1IF
T3IF
T2IF
T1IF
OC1IF
IC1IF
INT0IF
0000
IFS1
0086
U2TXIF
U2RXIF
INT2IF
INT1IF
CNIF
CMIF
MI2C1IF
SI2C1IF
0000
IFS3
008A
—RTCIF
0000
IFS4
008C
—CTMUIF
—HLVDIF
CRCIF
U2ERIF
U1ERIF
0000
IEC0
0094
NVMIE
AD1IE
U1TXIE
U1RXIE
SPI1IE
SPF1IE
T3IE
T2IE
T1IE
OC1IE
IC1IE
INT0IE
0000
IEC1
0096
U2TXIE
U2RXIE
INT2IE
INT1IE
CNIE
CMIE
MI2C1IE
SI2C1IE
0000
IEC3
009A
—RTCIE
0000
IEC4
009C
—CTMUIE
—HLVDIE
CRCIE
U2ERIE
U1ERIE
0000
IPC0
00A4
T1IP2
T1IP1
T1IP0
OC1IP2
OC1IP1
OC1IP0
IC1IP2
IC1IP1
IC1IP0
INT0IP2
INT0IP1
INT0IP0
4444
IPC1
00A6
T2IP2
T2IP1
T2IP0
4444
IPC2
00A8
U1RXIP2 U1RXIP1 U1RXIP0
SPI1IP2
SPI1IP1
SPI1IP0
SPF1IP2
SPF1IP1
SPF1IP0
—T3IP2
T3IP1
T3IP0
4444
IPC3
00AA
NVMIP2
NVMIP1
NVMIP0
AD1IP2
AD1IP1
AD1IP0
U1TXIP2
U1TXIP1
U1TXIP0
4044
IPC4
00AC
CNIP2
CNIP1
CNIP0
CMIP2
CMIP1
CMIP0
MI2C1P2
MI2C1P1
MI2C1P0
SI2C1P2
SI2C1P1
SI2C1P0
4444
IPC5
00AE
INT1IP2
INT1IP1
INT1IP0
0004
IPC7
00B2
U2TXIP2 U2TXIP1 U2TXIP0
U2RXIP2 U2RXIP1 U2RXIP0
INT2IP2
INT2IP1
INT2IP0
4440
IPC15
00C2
RTCIP2
RTCIP1
RTCIP0
0400
IPC16
00C4
CRCIP2
CRCIP1
CRCIP0
U2ERIP2 U2ERIP1 U2ERIP0
U1ERIP2
U1ERIP1
U1ERIP0
4440
IPC18
00C8
HLVDIP2
HLVDIP1
HLVDIP0
0004
IPC19
00CA
CTMUIP2 CTMUIP1 CTMUIP0
0040
INTTREG 00E0
CPUIRQ
—VHOLD
ILR3
ILR2
ILR1
ILR0
VECNUM6 VECNUM5 VECNUM4 VECNUM3 VECNUM2 VECNUM1 VECNUM0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com