전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 14 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 14 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 10Page - Microchip Technology PIC24F16KA102 Datasheet HTML 11Page - Microchip Technology PIC24F16KA102 Datasheet HTML 12Page - Microchip Technology PIC24F16KA102 Datasheet HTML 13Page - Microchip Technology PIC24F16KA102 Datasheet HTML 14Page - Microchip Technology PIC24F16KA102 Datasheet HTML 15Page - Microchip Technology PIC24F16KA102 Datasheet HTML 16Page - Microchip Technology PIC24F16KA102 Datasheet HTML 17Page - Microchip Technology PIC24F16KA102 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 278 page
background image
PIC24F16KA102 FAMILY
DS39927C-page 14
 2008-2011 Microchip Technology Inc.
CN0
10
7
12
9
I
ST
Interrupt-on-Change Inputs
CN1
9
6
11
8
I
ST
CN2
2
19
2
27
I
ST
CN3
3
20
3
28
I
ST
CN4
4
1
4
1
I
ST
CN5
5
2
5
2
I
ST
CN6
6
3
6
3
I
ST
CN7
—
—
7
4
I
ST
CN8
14
11
20
17
I
ST
CN9
—
—
19
16
I
ST
CN11
18
15
26
23
I
ST
CN1217
14
2522
I
ST
CN1316
13
2421
I
ST
CN1415
12
2320
I
ST
CN15
—
—
22
19
I
ST
CN16
—
—
21
18
I
ST
CN2113
10
1815
I
ST
CN22
12
9
17
14
I
ST
CN23
11
8
16
13
I
ST
CN24
—
—
15
12
I
ST
CN27
—
—
14
11
I
ST
CN298
5
107
I
ST
CN30
7
4
9
6
I
ST
CVREF
17
14
25
22
O
ANA
Comparator Voltage Reference Output
CTED1
14
11
20
17
I
ST
CTMU Trigger Edge Input 1
CTED2
15
12
23
20
I
ST
CTMU Trigger Edge Input 2
CTPLS
16
13
24
21
O
—
CTMU Pulse Output
IC1
14
11
19
16
I
ST
Input Capture 1 Input
INT0
11
8
16
13
I
ST
External Interrupt Inputs
INT1
17
14
25
22
I
ST
INT2
14
11
20
17
I
ST
HLVDIN
15
12
23
20
I
ANA
HLVD Voltage Input
MCLR
1
18
1
26
I
ST
Master Clear (device Reset) Input
OC1
14
11
20
17
O
—
Output Compare/PWM Outputs
OCFA
17
14
25
22
I
—
Output Compare Fault A
OSCI
7
4
9
6
I
ANA
Main Oscillator Input Connection
OSCO
8
5
10
7
O
ANA
Main Oscillator Output Connection
TABLE 1-2:
PIC24F16KA102 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
20-Pin
PDIP/SSOP/
SOIC
20-Pin
QFN
28-Pin
SPDIP/
SSOP/SOIC
28-Pin
QFN
Legend:
ST = Schmitt Trigger input buffer, ANA = Analog level input/output, I2C™ = I2C/SMBus input buffer
Note
1:
Alternative multiplexing when the I2C1SEL Configuration bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More