전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA321 데이터시트(PDF) 131 Page - STMicroelectronics

부품명 STA321
상세설명  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 데이터시트(HTML) 131 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 127Page - STMicroelectronics STA321 Datasheet HTML 128Page - STMicroelectronics STA321 Datasheet HTML 129Page - STMicroelectronics STA321 Datasheet HTML 130Page - STMicroelectronics STA321 Datasheet HTML 131Page - STMicroelectronics STA321 Datasheet HTML 132Page - STMicroelectronics STA321 Datasheet HTML 133Page - STMicroelectronics STA321 Datasheet HTML 134Page - STMicroelectronics STA321 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
131/157
PLLCFG2
Address:
0xC2
Type:
RW
Reset:
0x00
Description:
See also Section 5.3: Fractional PLL on page 31
PLLCFG3
Address:
0xC3
Type:
RW
Reset:
0x00
Description:
See also Section 5.3: Fractional PLL on page 31
76
54
32
10
PLL_FRAC[7:0]
[7:0] PLL_FRAC[7:0]
The LSBs of PLL_FRAC[15:0] which is used to set the PLL multiplication factor
76
54
32
10
PLL_STRB
PLL_STRBBYP
PLL_NDIV
[7] PLL_STRB
0: normal behaviour
1: asynchronous strobe input, a new configuration input is loaded into the fraction controller
[6] PLL_STRBBYP
0: normal behaviour
1: bypass the strobe signal
[5:0] PLL_NDIV
Set the PLL multiplication factor (integral part), loop division factor (LDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More