| 전자부품 데이터시트 검색엔진 |
|
WM8912 데이터시트(PDF) 119 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8912 데이터시트(HTML) 119 Page - Wolfson Microelectronics plc |
|
119 / 128 page ![]() Production Data WM8912 w PD, Rev 4.0, September 2010 119 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R126 (7Eh) Digital Pulls 7 MCLK_PU 0 MCLK pull-up resistor enable 0 = pull-up disabled 1 = pull-up enabled 6 MCLK_PD 0 MCLK pull-down resistor enable 0 = pull-down disabled 1 = pull-down enabled 5 DACDAT_PU 0 DACDAT pull-up resistor enable 0 = pull-up disabled 1 = pull-up enabled 4 DACDAT_PD 0 DACDAT pull-down resistor enable 0 = pull-down disabled 1 = pull-down enabled 3 LRCLK_PU 0 LRCLK pull-up resistor enable 0 = pull-up disabled 1 = pull-up enabled 2 LRCLK_PD 0 LRCLK pull-down resistor enable 0 = pull-down disabled 1 = pull-down enabled 1 BCLK_PU 0 BCLK pull-up resistor enable 0 = pull-up disabled 1 = pull-up enabled 0 BCLK_PD 0 BCLK pull-down resistor enable 0 = pull-down disabled 1 = pull-down enabled Register 7Eh Digital Pulls REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R127 (7Fh) Interrupt Status 10 IRQ 0 Logical OR of all other interrupt flags 9 GPIO_BCLK_E INT 0 GPIO4 interrupt 0 = interrupt not set 1 = interrupt is set Cleared when a ‘1’ is written 8 WSEQ_EINT 0 Write Sequence interrupt 0 = interrupt not set 1 = interrupt is set Cleared when a ‘1’ is written. Note that the read value of WSEQ_EINT is not valid whilst the Write Sequencer is Busy 5 GPIO1_EINT 0 GPIO1 interrupt 0 = interrupt not set 1 = interrupt is set Cleared when a ‘1’ is written 2 FLL_LOCK_EI NT 0 FLL Lock interrupt 0 = interrupt not set 1 = interrupt is set Cleared when a ‘1’ is written Register 7Fh Interrupt Status |