| 전자부품 데이터시트 검색엔진 |
|
OR3LP26B 데이터시트(PDF) 155 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B 데이터시트(HTML) 155 Page - Agere Systems |
|
155 / 184 page ![]() Lucent Technologies Inc. 155 Data Sheet ORCA OR3LP26B FPSC March 2000 Embedded Master/Target PCI Interface Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 VSS VSS VSS*VSS* VDD VDD VDD*VDD* VSS VSS VSS*VSS* PL1D I/O B1 D1 PL1C I/O C2 F4 PL1B I/O C1 F3 PL1A I/O D2 F2 VDD VDD VDD*VDD* PL2D I/O-A0-MPI_BE0 D3 F1 PL2C I/O — G5 PL2B I/O — G4 PL2A I/O D1 G2 PL3D I/O E2 G1 PL3C I/O — H5 PL3B I/O E4 H4 PL3A I/O E3 H2 VSS VSS VSS*VSS* PL4D I/O — — VDD2VDD2E1 VDD2 PL4C I/O F2 H1 PL4B I/O G4 J5 PL4A I/O — J4 PL5D I/O F3 J3 PL5C I/O — J2 PL5B I/O — J1 PL5A I/O — K5 VDD VDD VDD*VDD* PL6D I/O F1 K4 PL6C I/O G2 K3 PL6B I/O G1 K2 PL6A I/O — K1 PL7D I/O-A1-MPI_BE1 G3 L5 PL7C I/O — L4 PL7B I/O — L2 PL7A I/O — L1 VSS VSS VSS*VSS* PL8D I/O H2 M5 |