| 전자부품 데이터시트 검색엔진 |
|
OR3LP26B 데이터시트(PDF) 159 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B 데이터시트(HTML) 159 Page - Agere Systems |
|
159 / 184 page ![]() Lucent Technologies Inc. 159 Data Sheet ORCA OR3LP26B FPSC March 2000 Embedded Master/Target PCI Interface Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 PB2B No Connect† —AK7 PB2C No Connect† —AL7 PB2D — — — VDD2VDD2AF4 VDD2 PB3A ad18 AE5 AN7 PB3B No Connect† —AP7 PB3C ad17 AC5 AK8 PB3D ad16 AD5 AL8 VSS VSS VSS*VSS* PB4A c_be2n AF5 AN8 PB4B perrn AE6 AP8 PB4C serrn AC7 AK9 PB4D par AD6 AL9 PB5A c_be1n AF6 AM9 PB5B ad15 AE7 AN9 PB5C ad14 AF7 AP9 PB5D ad13 AD7 AK10 VSS VSS VSS*VSS* PB6A ad12 AE8 AL10 PB6B No Connect† — AM10 PB6C No Connect† —AN10 PB6D ad11 AC9 AP10 PB7A ad10 AF8 AK11 PB7B No Connect† —AL11 PB7C No Connect† —AN11 PB7D ad9 AD8 AP11 VSS VSS VSS*VSS* PB8A ad8 AE9 AK12 PB8B No Connect† —AL12 PB8C No Connect† —AN12 PB8D c_be0n AF9 AP12 PB9A ad7 AE10 AK13 PB9B No Connect† —AL13 PB9C No Connect† — AM13 PB9D ad6 AD9 AN13 VDD VDD VDD*VDD* VDD2VDD2— VDD2 PB10A No Connect† AF10 — |