전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP47DA1 데이터시트(PDF) 23 Page - Microchip Technology

부품명 MCP47DA1
상세설명  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 데이터시트(HTML) 23 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 19Page - Microchip Technology MCP47DA1 Datasheet HTML 20Page - Microchip Technology MCP47DA1 Datasheet HTML 21Page - Microchip Technology MCP47DA1 Datasheet HTML 22Page - Microchip Technology MCP47DA1 Datasheet HTML 23Page - Microchip Technology MCP47DA1 Datasheet HTML 24Page - Microchip Technology MCP47DA1 Datasheet HTML 25Page - Microchip Technology MCP47DA1 Datasheet HTML 26Page - Microchip Technology MCP47DA1 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 23
MCP47DA1
Note: Unless otherwise indicated, TA = +25°C, VDD = VREF = 5V, VSS = 0V, RL = 5 k, CL = 1 nF.
FIGURE 2-73:
DNL vs. Code and VREF.
VDD = 3.0V, VREF = 1V, 1.65V, and 3.0V,
Temp = +25°C.
FIGURE 2-74:
DNL vs. Code and VREF.
VDD = 2.7V, VREF = 1V, 1.65V, and 2.55V,
Temp = +25°C.
FIGURE 2-75:
Total Unadjusted Error vs.
Code and VREF. VDD = 5.5V, VREF = 1V, 1.65V,
2.7V, and 5.5V, Temp = +25°C.
FIGURE 2-76:
Total Unadjusted Error vs.
Code and VREF. VDD = 3.6V, VREF = 1V, 1.65V,
and 3.6V, Temp = +25°C.
FIGURE 2-77:
Total Unadjusted Error vs.
Code and VREF. VDD = 3.0V, VREF = 1V, 1.65V,
and 5.5V, Temp = +25°C.
FIGURE 2-78:
Total Unadjusted Error vs.
Code and VREF. VDD = 2.7V, VREF = 1V, 1.65V,
and 2.55V, Temp = +25°C.
0.20
0.15
0.10
0.05
0.00
0.05
0.10
0.15
0.20
0
8
16
24
32
40
48
56
64
DAC Wiper Code
3.0V
1.65V
1.0V
Typical Device
0.20
0.15
0.10
0.05
0.00
0.05
0.10
0.15
0.20
0
8
16
24
32
40
48
56
64
DAC Wiper Code
2.55V
1.65V
1.0V
Typical Device
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
8
16
24
32
40
48
56
64
DAC Wiper Code
5.5V
2.7V
1.65V
1.0V
Typical Device
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
8
16
24
32
40
48
56
64
DAC Wiper Code
3.6V
1.65V
1.0V
Typical Device
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
8
16
24
32
40
48
56
64
DAC Wiper Code
3.0V
1.65V
1.0V
Typical Device
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
8
16
24
32
40
48
56
64
DAC Wiper Code
2.55V
1.65V
1.0V
Typical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com