전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP47DA1 데이터시트(PDF) 42 Page - Microchip Technology

부품명 MCP47DA1
상세설명  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 데이터시트(HTML) 42 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 38Page - Microchip Technology MCP47DA1 Datasheet HTML 39Page - Microchip Technology MCP47DA1 Datasheet HTML 40Page - Microchip Technology MCP47DA1 Datasheet HTML 41Page - Microchip Technology MCP47DA1 Datasheet HTML 42Page - Microchip Technology MCP47DA1 Datasheet HTML 43Page - Microchip Technology MCP47DA1 Datasheet HTML 44Page - Microchip Technology MCP47DA1 Datasheet HTML 45Page - Microchip Technology MCP47DA1 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
MCP47DA1
DS25118D-page 42
 2012-2013 Microchip Technology Inc.
FIGURE 6-1:
Resistor Network and Output Buffer Block Diagram.
RS
A
RS
RS
RS
B
N = 64
N = 63
N = 62
N = 1
N = 0
RW (1)
W
Analog
MUX
Note 1: The wiper resistance is tap dependent. That is, each tap selection resistance has a
RW (1)
RW (1)
5Eh
RW (1)
RW (1)
21h
20h
5Fh
7Fh
00h -
60h -
R1
(64 * RS)
RZS
RFS
VREF
small variation.
Op Amp
-
+
VOUT
Data value received
(I2C™ interface)
Wiper Value
Resistor Network
Output Buffer
(64 * RS)
R2
(Section 7.0)
(Section 6.0)
(00h)
(01h)
(3Eh)
(3Fh)
(40h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com